Part Number Hot Search : 
KSH117 D348D 133BG 088526 JR25WPB BLM18P IMX27 LT5571
Product Description
Full Text Search
 

To Download BM1012LF-B1R5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMMON MODE CHOKES
M OUTLINE
1. DC common mode chokes
UU9TF
11.0MAX. 3.5MAX. 16.5MAX.
DIMENSIONS (mm)
S
Schematics
16.5MAX.
3.5
7.0
2
3
o0.6
8.0
1
4
S
UU9TFH
15.5MAX. 16.5MAX.
DIMENSIONS (mm) 12.5MAX. 3.5 3.5MAX.
K Impedance Characteristics
83.2
7.0 1 2
IMPEDANCE (k)
75.0 66.5 58.2 49.9 41.6 33.3 25.0 16.6 8.3 0 1K 10K
1325-T006
1325-T105 1325-T104 1325-T103 1325-T102 1325-T101
o0.6
M FEATURES
1. Small size, inexpensive type 2. It is effective to the noise countermeasure for DC line noise and immunity for multi-function telephone, PBX and FAX.
4
3
8.0
100K
1M
10M
FREQUENCY (Hz)
K Specifications
Type Inductance
1-4)or(2-3) @1kHz 3333-T101 3333-T102 3333-T103 3333-T104 3333-T105 3333-T106 Min.0.5mH Min.1.0mH Min.2.0mH Min.5.0mH Min.8.0mH Min.10.0mH
D.C.R.
1-4) (2-3)
Rated current
APPLICATION
1. Multi function telephone 2. PBX 3. FAX
Max.129m Max.244m Max.441m Max.958m Max.1.52 Max.2.04
1.15A 780mA 720mA 420mA 330mA 240mA
BM1012LF
10.3MAX. 12.5MAX.
DIMENSIONS (mm) 12.0MAX. 4.0 7.5
K Impedance Characteristics
2000 1800 1600
10.0
1400
o0.7
IMPEDANCE ()
1200 1000 800 600 400 200
3200-011 010 009 008 007 006
Schematics
2
3
S
1
4
S
0 1M
10M
100M
1G 1.8G
M FEATURES
1. Effective in wide frequency band (Several MHz to several 100MHz) 2. Even if complete safty ground is impossible in circuit design, effect is expected. 3. Less influence when installing on high frequency signal line at Max. 10MHz
FREQUENCY (Hz)
K Specifications
Type Inductance Inductance Balance
(1-2) (4-3) @1kHz BM1012LF-B0R2 BM1012LF-B0R4 BM1012LF-B0R8 Min.0.2H Min.0.48H Min.0.88H Min.1.57H Min.1.90H Min.2.69H Max.150nH Max.180nH Max.200nH Max.230nH Max.250nH Max.280nH
D.C.R.
(1-2) (4-3) @ 20C Max.14.3m Max.16.3m Max.18.0m Max.20.0m Max.23.8m Max.27.0m
Rated current
50/60Hz 3.9A 3.25A 3.2A 3.0A 2.75A 2.5A
APPLICATION
1. PC
BM1012LF-B1R5 BM1012LF-B1R9 BM1012LF-B2R7
15


▲Up To Search▲   

 
Price & Availability of BM1012LF-B1R5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X